Part Number Hot Search : 
C253F SZ554H XF0013Q1 OP285 SI5935DC DTC144TM LDR2518 0SMCJ70A
Product Description
Full Text Search
 

To Download V23092A1006A301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V23092 series
6 Amp Slim Miniature, PC Board Relay
VDE
Features
* 1 Form A (SPST-NO) and 1 Form C (SPDT). * 6 A rated current. * Slim package : 5mm width. * Sensitive coil 170mW. * 10.6mm height. * 4kV coil-to-contact insulation. * Applications: PLCs, timers, temperature controllers, I/O modules.
Coil Data @ 20C
Voltage: 5 to 48VDC. Nominal Power: 170 mW.
V23092 Rated Coil Voltage (VDC) 5 12 24 48 Nominal Current (mA) 33.8 14.2 7.1 4.5 Coil Resistance (ohms) 10% 148 848 3,390 10,600 Must Operate Voltage (VDC) 3.50 8.40 16.80 33.60 Must Release Voltage (VDC) 0.50 1.20 2.40 4.80
Contact Data @ 20C
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT). Material: AgSnO and AgSnO with gold plated. Max. Switching Rate: 1,200 ops./min. (no load). 6 ops./min. (rated load). Expected Electrical Life: 6A @ 250VAC resistive. Initial Contact Resistance: 100 milli ohms @ 1A, 24VDC. Max. Switched Voltage: AC: 400V. DC: 300V. Max. Switched Current: 6A. Max. Switched Power: 1,500VA.
Operate Data @ 20C
Must Operate Voltage: 70% of nominal voltage or less. Must Release Voltage: 10% of nominal voltage or more. Operate Time: 5 ms max. at nominal voltage. Release Time: 2.5 ms max. at nominal voltage. Bounce Time: 1 ms (N/O) typical at nominal voltage. 5 ms (N/C) typical at nominal voltage.
Outline Dimensions Initial Dielectric Strength
Between Open Contacts: 1,000VAC, (1 minute). Between Contacts and Coil: 4,000VAC, (1 minute). Surge Voltage Between Coil and Contacts: 6,000VAC (1.2/50s). Creepage/Clearance Coil-to-Contact: Min. 6/8mm.
28.0 5.0
15.0
Initial Insulation Resistance
Between Mutually Insulated Conductors: 1,000Mohm @ 500VDC.
15.0
4.0 1.0 15.0 5.0
4.0
Environmental Data
Temperature Range: Operating: -40C to +85C. Operating Humidity: 20 to 85% RH.
Wiring Diagrams (Bottom View)
1 Form C
Mechanical Data
Termination: Printed circuit terminals. Enclosure (94V-0 Flammability Ratings): Plastic sealed case. Weight: 6g approximately. 1 Form A
1 Form B
Ordering Information
Typical Part Number B
V23092
A
1 024 A301
1. Basic Series: V23092 = Slim PC board relay. 2. Termination: A = PC Board Terminal. 3. Enclosure: 1 = Plastic sealed case. 4. Coil Input: 005 = 5VDC 006 = 6VDC
PC Board Layouts (Bottom View)
3.78 11.34 5.04
1 Form C
5.04
3.78
16.38
012 = 12VDC 024 = 24VDC
48 = 48VDC
1 Form A
5.04 3.78
5. Contact Material: A201 = AgSnO with Gold plated, 1 Form C (SPDT). A202 = AgSnO with Gold plated, 1 Form A (SPST-NO). A301 = AgSnO, 1 Form C (SPDT). A302 = AgSnO, 1 Form A (SPST-NO).
11.34
1 Form B
5.04
74


▲Up To Search▲   

 
Price & Availability of V23092A1006A301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X